Part Number Hot Search : 
1N4733A Q67006 29LV160B 9LV160DT 00006 XC2S100 L2N6011 TLUR240
Product Description
Full Text Search
 

To Download ST16N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  st 16 n10 n channel enhancement mode mosfet 1 2 .0 a stanson technology 120 bentley square, mountain view, ca 94040 u sa www.stansontech.com copyright ?200 9 , stanson corp. st 16 n10 2009. v1 description st 16 n10 is the n - channel logic enhancement mode power field effect transistor which is produced using high cell density, dmos trench technology. the st 12 n10 d has been designed specially to improve the overall efficiency of dc/dc converters using either synchronous or conventional switching pwm controllers. it has been optimized for low gate charge, low r ds(on) and fast switching speed. pin configuration to - 252 part marking y: year code a: date code b: wafer code feature l 100 v/ 1 2 .0 a, r ds(on) = 1 6 0 m t yp @v gs = 10v l super high density cell design for extremely low r ds(on) l exceptional on - resistance and maximum dc current capability l t o - 252 p ackage design
st 16 n10 n channel enhancement mode mosfet 1 2 .0 a stanson technology 120 bentley square, mountain view, ca 94040 u sa www.stansontech.com copyright ?200 9 , stanson corp. st 16 n10 2009. v1 absoulte maximum ratings (ta = 25 unless otherwise noted ) parameter symbol typical unit drain - source voltage vdss 100 v gate - source voltage vgss ?0 v continuous drain current (tj=150 ) ta=25 ta= 100 id 1 2 .0 6 .0 a pulsed drain current idm 5 0 a continuous source current (diode conduction) is 1 5 a power dissipation ta=25 pd 79 w operation junction temperature tj 150 storgae temperature range tstg - 55/150 thermal resistance - junction to ambient r ja 110 /w
st 16 n10 n channel enhancement mode mosfet 1 2 .0 a stanson technology 120 bentley square, mountain view, ca 94040 u sa www.stansontech.com copyright ?200 9 , stanson corp. st 16 n10 2009. v1 electrical characteristics ( ta = 25 unless otherwise noted ) parameter symbol condition min typ max unit static drain - source breakdown voltage v (br)dss v gs =0v,id= 250 m a 100 v gate threshold voltage v gs(th) v ds =v gs ,id= 2 50ua 1 .0 2.5 v gate leakage current i gss v ds =0v,v gs =?0v ?00 na zero gate voltage drain current i dss v ds = 100 v,v gs =0v 25 ua v ds = 80 v,v gs =0v t j = 150 250 on - state drain current i d(on) v ds R 5v,v gs = 10v 5 0 a drain - source on - resistance r ds(on) v gs =10v,i d =1 2 a 16 0 1 8 0 m forward transconductance gfs v ds =5 0 v,i d = 9.0 a 6.4 s diode forward voltage v sd i s = 9 .0 a,v gs =0v 1. 0 v dynamic total gate charge q g v ds = 80 v,v gs = 10v i d 9.0 a 4 5 nc gate - source charge q gs 7 .2 gate - drain charge q gd 2 2 input capacitance c iss v ds = 25 v,v gs =0v f=1mhz 640 pf output capacitance c oss 160 reverse transfer c apacitance c rss 88 turn - on time t d(on) tr v dd = 50 v,r d = 5.5 i d = 9 .0 a,v gen =10v r g = 12 7 .4 ns 2 9 turn - off time t d(off) tf 40 25
st 16 n10 n channel enhancement mode mosfet 1 2 .0 a stanson technology 120 bentley square, mountain view, ca 94040 u sa www.stansontech.com copyright ?200 9 , stanson corp. st 16 n10 2009. v1 typical characterictics
st 16 n10 n channel enhancement mode mosfet 1 2 .0 a stanson technology 120 bentley square, mountain view, ca 94040 u sa www.stansontech.com copyright ?200 9 , stanson corp. st 16 n10 2009. v1 typical characterictics
st 16 n10 n channel enhancement mode mosfet 1 2 .0 a stanson technology 120 bentley square, mountain view, ca 94040 u sa www.stansontech.com copyright ?200 9 , stanson corp. st 16 n10 2009. v1 to - 252 - 2l package outline


▲Up To Search▲   

 
Price & Availability of ST16N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X